Part Number Hot Search : 
KBL403G PD5011C 60R165CP 004000 MV9100 SKY650 10241 80C19
Product Description
Full Text Search
 

To Download HFP30N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shantou Huashan Electronic Devices Co.,Ltd.
HFP30N06
N-Channel Enhancement Mode Field Effect Transistor General Description
This Power MOSFET is produced using advanced planar stripe, DMOS technology. This latest technology has been especially designed to minimize on-state resistance, have a low gate charge with superior switching performance, and rugged avalanche characteristics. This devices is well suited for synchronous DC-DC Converters and Power Management in portable and battery operated products. TO-220
1- G 2-D 3-S
Features
60V, RDS (on) <0.04? @VGS = 10 V *Low gate charge *100% avalanche tested *Improved dv/dt capability *Equivalent Type:FQP30N06 Maximum Ratings Ta=25ae unless otherwise specified (c)
*30A,
T s t g Storage Temperature ------------------------------------------------------ - 55~175ae Tj
Operating
Junction Temperature -------------------------------------------------- 175ae
VD S S
Drain -Source Voltage ---------------------------------------------------------- 60V
ID Drain Current (Continuous)(T c=25ae----------------------------------------------------------- 30A ) Drain Current (Continuous)(Tc=100ae--------------------------------------------------------- 21.2A ) IDM Drain Current Pulse ------------------------------------------------------------------------------ 120A VGSS
Gate-Source Voltage -------------------------------------------------------------------------- 20V
PD Maximum Power Dissipation (Tc=25ae----------------------------------------------------- 79W ) EAS Single Pulse Avalanche Energy (starting Tj = 25aeI D = IAR, VDD = 50 V) --------------------------------------------------- 430 mJ , dv/dt Reak Diode Recovery dv/dt (ISDU 30A,di/dtU 300A/us,VddU BVdss,Duty Cycle U ------------------------- 7.0V/ns 2%)
Thermal Characteristics
Items Thermal Resistance Junction-case Thermal Resistance Junction-ambient Thermal Resistance Case-sink Max Max Typ TO-220 1.9 62.5 0.5 Unit ae /W ae /W ae /W
Symbol Rthj-case Rthj-amb Rth c-s
Shantou Huashan Electronic Devices Co.,Ltd.
HFP30N06
(c)
Conditions ID =250 ,VGS=0V A VDS =60V, VGS=0V VDS =48V, VGS=0V,Tj=150ae VGS= 20V , VDS =0V VDS = VGS , ID=250 A VGS=10V, ID=15A
Electrical Characteristics Ta=25ae unless otherwise specified
Items Min. 60 1 10 100 2.0 4.0 0.04 1210 380 100 40 60 130 90 35 6.2 Typ. Max. Unit V A A nA V
Symbol
Off Characteristics BVDSS Drain-Source Breakdown Voltage IDSS Zero Gate Voltage Drain Current
IGSS Gate -Body Leakage On Characteristics Gate Threshold Voltage VGS(th)
RDS(on) Static Drain-Source On-Resistance Dynamic Characteristics and Switching Characteristics Ciss Input Capacitance Coss Crss Output Capacitance Reverse Transfer Capacitance Turn - On Delay Time Rise Time Turn - Off Delay Time Fall Time Total Gate Charge Gate- Source Charge Gate- Drain Charge
?
pF pF pF nS nS nS nS nC nC nC
VDS = 25 V, VGS = 0V, f = 1.0 MHz
td(on) tr td(off) tf Qg Qgs Qgd
VDD = 30 V, ID = 15Apk RG = 50 ? (Note 1,2)
VDS=0.8VDSS, ID=30A, VGS = 10 V (Note 1,2)
11.1 Drain-Source Diode Characteristics and Maximun Ratings Continuous Source- Drain Diode IS Forward Current Pulsed Drain-Source Diode ISM Forward Current Source- Drain Diode Forward VSD On- Voltage Notes: 1. Pulse Test: Pulse widthU 300|I S,Duty cycle U 2% 2. Essentially independent of operating temperature
30 120 1.5
A A V IS=30A,VGS=0
Shantou Huashan Electronic Devices Co.,Ltd.
HFP30N06
Typical Characteristics
Fig 1. On-State Characteristics
Fig 2. Transfer Characteristics
Fig 3. On Resistance Variation vs. Drain Current and Gate Voltage
Fig 4. On State Current vs. Allowable Case Temperature
Fig 5. Capacitance Characteristics
Fig 6. Gate Charge Characteristics
Shantou Huashan Electronic Devices Co.,Ltd.
HFP30N06
Typical Characteristics
Fig 7. Breakdown Voltage Variation vs. Junction Temperature
Fig 8. On-Resistance Variation vs. Junction Temperature
Fig 9. Maximum Safe Operating Area
Fig 10. Maximum Drain Current vs. Case Temperature
Fig 11. Transient Thermal Response Curve
Shantou Huashan Electronic Devices Co.,Ltd.
HFP30N06
Typical Characteristics
Fig. 12. Gate Charge Test Circuit & Waveforms
Fig 13. Switching Time Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
Shantou Huashan Electronic Devices Co.,Ltd.
HFP30N06
Typical Characteristics
Fig. 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms


▲Up To Search▲   

 
Price & Availability of HFP30N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X